Part Number Hot Search : 
AX150 74ACT151 DBD10G 1N2809B UY5366X LSI20 74LVT ADF4108S
Product Description
Full Text Search
 

To Download HEF4067B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the HEF4067B is a 16-channel analog multiple xer/demultiplexe r with four address inputs (a0 to a3), an active low enable input (e ), sixteen independent inputs/outputs (y0 to y15) and a common input/output (z). the device contains sixteen bidirectional analog switches, each with one side connected to an independent input/output (y0 to y15) and the other side connected to the common input/output (z). with e low, one of the sixteen switches is selected (low-impedance on-sta te) by a0 to a3. all unselected switches are in the high-impedance off-state. with e high all switches are in the high-impedance off-state, independent of a0 to a3. the analog inputs/outputs (y0 to y15 and z) can swing between v dd as a positive limit and v ss as a negative limit. v dd to v ss may not exceed 15 v. 2. features and benefits ? fully static operation ? 5 v, 10 v, and 15 v parametric ratings ? standardized symmetrical output characteristics ? specified from ? 40 ? c to +85 ? c ? complies with jedec standard jesd 13-b 3. applications ? analog multiplexing and demultiplexing ? digital multiplexing and demultiplexing ? signal gating 4. ordering information HEF4067B 16-channel analog mult iplexer/demultiplexer rev. 6 ? 16 november 2011 product data sheet table 1. ordering information type number package temperature range name description version HEF4067Bp ? 40 ? c to +85 ? c dip24 plastic dual in-line pa ckage; 24 leads (600 mil) sot101-1 HEF4067Bt ? 40 ? c to +85 ? c so24 plastic small outline package; 24 leads; body width 7.5 mm sot137-1
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 2 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer 5. functional diagram fig 1. functional diagram 001aag123 1-of-16 decoder 10 9y0 a0 8y1 7y2 6y3 5y4 4y5 3y6 2y7 23 y8 22 y9 21 y10 20 y11 19 y12 18 y13 17 y14 16 y15 1z 11 a1 14 a2 13 a3 15 e fig 2. schematic diagram (one switch) 001aag126 yn z v ss v dd v dd
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 3 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer fig 3. logic diagram 001aag125 y0 y1 a0 a1 a2 a3 e y2 y3 y4 y5 y6 y7 y8 y9 y10 y11 y12 y13 y14 y15 z
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 4 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer 6. pinning information 6.1 pinning 6.2 pin description fig 4. pin configuration HEF4067B zv dd y7 y8 y6 y9 y5 y10 y4 y11 y3 y12 y2 y13 y1 y14 y0 y15 a0 e a1 a2 v ss a3 001aag124 1 2 3 4 5 6 7 8 9 10 11 12 14 13 16 15 18 17 20 19 22 21 24 23 table 2. pin description symbol pin description z 1 common input/output y0 to y15 9, 8, 7, 6, 5, 4, 3, 2, 23, 22, 21, 20, 19, 18, 17, 16 independent input/output a0 to a3 10, 11, 14, 13 address input v ss 12 ground (0 v) e 15 enable input (active low) v dd 24 supply voltage
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 5 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer 7. functional description [1] h = high voltage level; l = low voltage level; x = don?t care. 8. limiting values table 3. function table [1] control address channel on e a3 a2 a1 a0 llllly0 = z llllhy1 = z lllhly2 = z lllhhy3 = z llhlly4 = z llhlhy5 = z l l hhl y6 = z l l hhhy7 = z lhllly8 = z lhllhy9 = z lhlhly10 = z lhlhhy11 = z lhhlly12 = z l hhl hy13 = z l hhhl y14 = z l hhhhy15 = z hxxxxnone table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to v ss = 0 v (ground). symbol parameter conditions min max unit v dd supply voltage ? 0.5 +18 v i ik input clamping current pins an and e ; v i < ? 0.5 v or v i >v dd +0.5 v - ? 10 ma v i input voltage ? 0.5 v dd + 0.5 v i i/o input/output current [1] - ? 10 ma i dd supply current - 50 ma t stg storage temperature ? 65 +150 ?c t amb ambient temperature ? 40 +85 ?c
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 6 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer [1] to avoid drawing v dd current out of terminal z, when switch current flows in to terminals yn, the voltage drop across the bidirectional switch must not exceed 0.4 v. if the switch current flows into terminal z, no v dd current will flow out of termi nals yn, in this case there is no limit for the voltage drop across the switch, but the voltages at y and z may not exceed v dd or v ss . [2] for dip24 packages: above t amb = 70 ? c, p tot derates linearly at 12 mw/k. [3] for so24 packages: above t amb = 70 ? c, p tot derates linearly at 8 mw/k. 9. recommended operating conditions 10. static characteristics p tot total power dissipation t amb = ? 40 ? c to +125 ?c dip24 [2] -7 5 0m w so24 [3] -5 0 0m w p power dissipation per output - 100 mw table 4. limiting values ?continued in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to v ss = 0 v (ground). symbol parameter conditions min max unit table 5. recommended operating conditions symbol parameter conditions min typ max unit v dd supply voltage 3 - 15 v v i input voltage 0 - v dd v t amb ambient temperature in free air ? 40 - +85 ?c ? t/ ? v input transition rise and fall rate v dd = 5 v - - 3.75 ? s/v v dd = 10 v - - 0.5 ? s/v v dd = 15 v - - 0.08 ? s/v table 6. static characteristics v ss = 0 v; v i =v ss or v dd ; unless otherwise specified. symbol parameter conditions v dd t amb = ? 40 ?c t amb = +25 ?c t amb = +85 ?c unit min max min max min max v il low-level input voltage ?i o ? < 1 ? a v o = 0.5 v or 4.5 v 5 v - 1 - 1 - 1 v v o = 1.0 v or 9.0 v 10 v - 2 - 2 - 2 v v o = 1.5 v or 13.5 v 15 v - 2.5 - 2.5 - 2.5 v v ih high-level input voltage ?i o ? < 1 ? a v o = 0.5 v or 4.5 v 5 v 4 - 4 - 4 - v v o = 1.0 v or 9.0 v 10 v 8 - 8 - 8 - v v o = 1.5 v or 13.5 v 15 v 12.5 - 12.5 - 12.5 - v i i input leakage current v i =0vor15v 15 v - ? 0.3 - ? 0.3 - ? 1.0 ? a i oz off-state output current output at v dd 15 v - 1.6 - 1.6 - 12.0 ? a output at v ss 15 v - ? 1.6 - ? 1.6 - ? 12.0 ? a
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 7 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer 10.1 test circuits i s(off) off-state leakage current z port; all channels off; see figure 5 15 v - - - 1000 - - na yn port; per channel; see figure 6 15 v - - - 200 - - na i dd supply current all valid input combinations; i o =0a 5 v - 20 - 20 - 150 ? a 10 v - 40 - 40 - 300 ? a 15 v - 80 - 80 - 600 ? a c i input capacitance digital inputs 15 v - - - 7.5 - - pf table 6. static characteristics ?continued v ss = 0 v; v i =v ss or v dd ; unless otherwise specified. symbol parameter conditions v dd t amb = ? 40 ?c t amb = +25 ?c t amb = +85 ?c unit min max min max min max fig 5. test circuit for measuring off-state leakage current z port is 001aal616 v i v o v dd z v ss yn v dd v dd or v ss a0 to a3 e fig 6. test circuit for measuring off-state leakage current yn port is 001aal617 switch v o v i v dd z v ss yn y0 2 1 v ss v dd or v ss a0 to a3 e
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 8 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer 10.2 on resistance 10.2.1 on resistance waveform and test circuit table 7. on resistance t amb = 25 ? c; i sw =200 ? a; v ss = 0 v. symbol parameter conditions v dd typ max unit r on(peak) on resistance (peak) v i = 0 v to v dd ; see figure 7 and figure 8 5 v 350 2500 ? 10 v 80 245 ? 15 v 60 175 ? r on(rail) on resistance (rail) v i = 0 v; see figure 7 and figure 8 5 v 115 340 ? 10 v 50 160 ? 15 v 40 115 ? v i = v dd ; see figure 7 and figure 8 5 v 120 365 ? 10 v 65 200 ? 15 v 50 155 ? ? r on on resistance mismatch between channels v i = 0 v to v dd ; see figure 7 5 v 25 - ? 10 v 10 - ? 15 v 5 - ? r on =v sw /i sw .i is = 200 ? a; v ss = 0 v. fig 7. test circuit for measuring r on fig 8. typical r on as a function of input voltage v 001aag127 v sw v i i sw v dd z v ss yn v ss v dd or v ss a0 to a3 e v i (v) 015 510 001aae648 200 300 100 400 r on () 0 v dd = 5 v 10 v 15 v
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 9 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer 11. dynamic characteristics table 8. dynamic characteristics t amb = 25 ? c; v ss = 0 v; for test circuit see figure 12 . symbol parameter conditions v dd min typ max unit t phl high to low propagation delay yn, z to z, yn; see figure 9 5 v - 30 60 ns 10 v - 15 25 ns 15 v - 10 20 ns an to yn, z; see figure 10 5 v - 190 380 ns 10 v - 70 145 ns 15 v - 50 100 ns t plh low to high propagation delay yn, z to z, yn; see figure 9 5 v - 25 50 ns 10 v - 10 20 ns 15 v - 10 20 ns an to yn, z; see figure 10 5 v - 175 345 ns 10 v - 70 140 ns 15 v - 50 100 ns t phz high to off-state propagation delay e to yn, z; see figure 11 5 v - 195 385 ns 10 v - 140 280 ns 15 v - 130 260 ns t plz low to off-state propagation delay e to yn, z; see figure 11 5 v - 215 435 ns 10 v - 180 355 ns 15 v - 170 340 ns t pzh off-state to high propagation delay e to yn, z; see figure 11 5 v - 155 315 ns 10 v - 70 135 ns e to yn, z; see figure 11 15 v - 50 100 ns t pzl off-state to low propagation delay 5 v - 170 340 ns 10 v - 70 140 ns 15 v - 50 100 ns
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 10 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer 11.1 waveforms and test circuit measurement points are given in table 9 . v ol and v oh are typical output voltage levels that occur with the output load. measurement points are given in table 9 . fig 9. yn, z to z, yn propagation delays fig 10. sn to yn, z propagation delays 001aag199 v i yn or z input yn or z output t plh v m v m v m v m t phl 0 v v oh v ol 001aal618 an input v o v m v m v y t phl t plh v x switch off switch on switch off yn or z output v ss v dd v ss measurement points are shown in table 9 . v ol and v oh are typical output voltage levels that occur with the output load. fig 11. enable and disable times 001aag198 t plz t phz switch off switch on v y v x switch on yn or z output yn or z output e input v i v dd v m v m v ol v oh 0 v 0 v t pzl t pzh v m v m table 9. measurement points supply voltage input output v cc v m v i v m v x v y 5 v to 15 v 0.5v dd gnd to v dd 0.5v dd 10% 90%
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 11 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer [1] for yn to z or z to yn propagation delays use v ss . for an or to yn or z propagation delays use v dd . test data is given in table 10 . definitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator c l = load capacitance including jig and probe capacitance r l = load resistor s1 = test selection switch fig 12. test circuit for measuring switching times 001aag183 dut v dd v dd v i v o r t r l s1 c l open pulse generator dut table 10. test data input load s1 position yn, z an and e t r , t f v m c l r l t phl [1] t plh t pzh , t phz t pzl , t plz other v dd or v ss v dd or v ss ? 20 ns 0.5v dd 50 pf 10 k ? v dd or v ss v ss v ss v dd v ss
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 12 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer 11.2 additional dynamic parameters [1] f i is biased at 0.5 v dd ; v i =0.5v dd (p-p). 11.2.1 test circuits table 11. additional dynamic characteristics v ss = 0 v; t amb = 25 ? c. symbol parameter conditions v dd typ max unit thd total harmonic distortion see figure 13 ; r l =10k ? ; c l =15pf; channel on; v i =0.5v dd (p-p); f i =1khz 5 v [1] 0.25 - % 10 v [1] 0.04 - % 15 v [1] 0.04 - % f ( ? 3db) ? 3 db frequency response see figure 14 ; r l = 1 k ? ; c l = 5 pf; channel on; v i =0.5v dd (p-p) 5 v [1] 13 - mhz 10 v [1] 40 - mhz 15 v [1] 70 - mhz ? iso isolation (off-state) see figure 15 ; f i = 1 mhz; r l = 1 k ? ; c l = 5 pf; channel off; v i =0.5v dd (p-p) 10 v [1] ? 50 - db v ct crosstalk voltage digital inputs to switch; see figure 16 ; r l = 10 k ? ; c l =15pf; e or an = v dd (square-wave) 10 v 50 - mv xtalk crosstalk between switches; see figure 17 ; f i = 1 mhz; r l =1 k ? ; v i =0.5v dd (p-p) 10 v [1] ? 50 - db table 12. dynamic power dissipation p d p d can be calculated from the formulas shown; v ss = 0 v; t r = t f ? 20 ns; t amb = 25 ? c. symbol parameter v dd typical formula for p d ( ? w) where: p d dynamic power dissipation 5v p d = 1000 ? f i + ? (f o ? c l ) ? v dd 2 f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v dd = supply voltage in v; ? (c l ? f o ) = sum of the outputs. 10 v p d = 5500 ? f i + ? (f o ? c l ) ? v dd 2 15 v p d = 15000 ? f i + ? (f o ? c l ) ? v dd 2 fig 13. test circuit for measuring total harmonic distortion fig 14. test circuit for measuring frequency response d 001aag129 r l c l fi v dd z v ss yn v ss v dd or v ss a0 to a3 e db 001aag235 r l c l fi v dd z v ss yn v ss v dd or v ss a0 to a3 e
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 13 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer fig 15. test circuit for measuring isolation (off-state) db 001aal619 switch v dd z v ss yn y0 2 r l fi c l 1 v ss v dd or v ss a0 to a3 e a. test circuit b. input and output pulse definitions fig 16. test circuit for measuring crosstalk voltage between digital inputs and switch v 001aag128 r l r l c l switch v o v dd 0.5v dd z v ss yn y0 2 1 v dd or v ss a0 to a3 e g 001aal620 on off off v o vct logic input (an, e) a. switch closed condition b. switch open condition fig 17. test circuit for measuri ng crosstalk between switches 001aag130 r l v o v i r l v dd z v ss yn y0 v ss v dd or v ss a0 to a3 e 001aag131 r l v i v o r l v dd z v ss yn y0 v ss v dd or v ss a0 to a3 e
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 14 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer 12. package outline fig 18. package outline sot101-1 (dip24) unit a max. 1 2 b 1 cd e e m h l references outline version european projection issue date iec jedec jeita mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot101-1 99-12-27 03-02-13 a min. a max. b w m e e 1 1.7 1.3 0.53 0.38 0.32 0.23 32.0 31.4 14.1 13.7 3.9 3.4 0.25 2.54 15.24 15.80 15.24 17.15 15.90 2.2 5.1 0.51 4 0.066 0.051 0.021 0.015 0.013 0.009 1.26 1.24 0.56 0.54 0.15 0.13 0.01 0.1 0.6 0.62 0.60 0.68 0.63 0.087 0.2 0.02 0.16 051g02 mo-015 sc-509-24 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 24 1 13 12 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. z max. (1) (1) (1) dip24: plastic dual in-line package; 24 leads (600 mil) sot101-1
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 15 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer fig 19. package outline sot137-1 (so24) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p q z ywv references outline version european projection issue date iec jedec jeita mm inches 2.65 0.3 0.1 2.45 2.25 0.49 0.36 0.32 0.23 15.6 15.2 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.1 0.4 sot137-1 x 12 24 w m a a 1 a 2 b p d h e l p q detail x e z c l v m a 13 (a ) 3 a y 0.25 075e05 ms-013 pin 1 index 0.1 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.61 0.60 0.30 0.29 0.05 1.4 0.055 0.419 0.394 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 e 1 0 5 10 mm scale so24: plastic small outline package; 24 leads; body width 7.5 mm sot137-1 99-12-27 03-02-19
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 16 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer 13. abbreviations 14. revision history table 13. abbreviations acronym description dut device under test table 14. revision history document id release date data sheet status change notice supersedes HEF4067B v.6 20111116 product data sheet - HEF4067B v.5 modifications: ? legal pages updated. ? changes in ?general description?, ?fea tures and benefits? and ?applications?. HEF4067B v.5 20100325 product data sheet - HEF4067B v.4 HEF4067B v.4 20100308 product data sheet - HEF4067B_cnv v.3 HEF4067B_cnv v.3 19950101 product specification - HEF4067B_cnv v.2 HEF4067B_cnv v.2 19950101 product specification - -
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 17 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from competent authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
HEF4067B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 6 ? 16 november 2011 18 of 19 nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors HEF4067B 16-channel analog multiplexer/demultiplexer ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 16 november 2011 document identifier: HEF4067B please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 1 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 functional description . . . . . . . . . . . . . . . . . . . 5 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 9 recommended operating conditions. . . . . . . . 6 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 10.1 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 10.2 on resistance . . . . . . . . . . . . . . . . . . . . . . . . . . 8 10.2.1 on resistance waveform and test circuit. . . . . . 8 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 9 11.1 waveforms and test circuit . . . . . . . . . . . . . . . 10 11.2 additional dynamic parameters . . . . . . . . . . . 12 11.2.1 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 14 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 16 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 16 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 17 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 17 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 18 16 contact information. . . . . . . . . . . . . . . . . . . . . 18 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19


▲Up To Search▲   

 
Price & Availability of HEF4067B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X